PART |
Description |
Maker |
109225 109227 109223 109224 109221 109222 109226 1 |
MiniMez Vertical Male DIP
|
ERNI Electronics
|
109519 109538 109525 109515 109528 109517 109523 1 |
MiniMez Vertical Female DIP without clips 12,6mm
|
ERNI Electronics
|
109602 109607 109606 109609 109608 109605 109604 1 |
MiniMez Male with Ejector DIP solder w/o clips w/o peg BM
|
ERNI Electronics
|
109105 109106 109107 109100 109101 109103 109102 1 |
MiniMez Vertical Male SMT
|
ERNI Electronics
|
GT8E-3P-HU GT8E-3P-2H GT8EW-4P-HU GT8E-4P-2H |
3 CONTACT(S), MALE, DIP CONNECTOR, CRIMP, PLUG 3 CONTACT(S), MALE, RIGHT ANGLE DIP CONNECTOR, SURFACE MOUNT 4 CONTACT(S), MALE, DIP CONNECTOR, CRIMP, PLUG 4 CONTACT(S), MALE, RIGHT ANGLE DIP CONNECTOR, SURFACE MOUNT
|
HIROSE ELECTRIC Co., Ltd. TE Connectivity, Ltd.
|
1-1825059-6 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF04SATTR04=DIP,FLUSH,SMT-JL ( Tyco Electronics )
|
Tyco Electronics
|
M80-8281006 M80-8281022 M80-8281042 M80-8281045 M8 |
DATAMATE DIL VERTICAL SMT PLUG ASSEMBLY - LATCHED Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin/lead, 3 3-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin/lead, 13 13-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin, 8 8-way
|
Harwin Plc HARWIN INC
|
M80-8561705 B5743-204-M-T-B |
34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, unlatched, gold, 2 2-way
|
HARWIN INC
|
070448MR |
D-SUB MALE R/A DIP TYPE
|
SUYIN USA, INC.
|
M80-8241822 M80-8241645 M80-8243445 |
Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, selective gold tin/lead, 9 9-way 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 8 8-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-5024022 |
Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin/lead, with jackscrews, 20 20-way 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M80-7101522 |
Datamate J-Tek 3-Row Male Vertical PC Tail Connector, jackscrews, selective gold tin/lead, 15 signal 2 power 17 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER
|
Harwin PLC
|
|